Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5775AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA5775AD
Description  Differential air core meter driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5775AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA5775AD Datasheet HTML 2Page - NXP Semiconductors SA5775AD Datasheet HTML 3Page - NXP Semiconductors SA5775AD Datasheet HTML 4Page - NXP Semiconductors SA5775AD Datasheet HTML 5Page - NXP Semiconductors SA5775AD Datasheet HTML 6Page - NXP Semiconductors SA5775AD Datasheet HTML 7Page - NXP Semiconductors SA5775AD Datasheet HTML 8Page - NXP Semiconductors SA5775AD Datasheet HTML 9Page - NXP Semiconductors SA5775AD Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
SA5775A
Differential air-core meter driver
1999 Sep 20
6
AC ELECTRICAL CHARACTERISTICS
VDD = 7.5 to 18 V; VCC = 4.5 to 5.5 V; TA = –40 to +85°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FSCLK
Input frequency
1.6
MHz
TSCLKH
SCLK high time
175
ns
TSCLKL
SCLK low time
VCC = 5.5 V
175
ns
TRO
Output rise time DO
0.75 to VCC –1.2 V, CL = 90 pF
75
ns
TFO
Output fall time DO
VCC –1.2 V to 0.75, CL = 90 pF
75
ns
TSU
DI set-up time
75
ns
THI
DI hold time
75
ns
TYPICAL APPLICATION
SA5775A
SGD
5
4
12
11
13
14
7
8
COS+
COS–
SIN+
SIN–
16
15
2
1
DO
5
9
6
VCC
Data Out
14V
10 µF
DATAOUT
DATAIN
SCLK
OE
VIGN
NC
ST
DGND
AGND
METER
FROM
MICROPROCESSOR
5V
SL00455
Figure 3. Typical application
SCLK
CS
DI
DO
BIT9
BIT8..1
BIT0
BIT0
PREVIOUS WORD
TSU
THI
SCLK
Tr
Tf
TSCLKL
FSCLKL
TSCLKH
SL00456
Figure 4. Serial interface timing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com