Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC337 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HMC337 Datasheet

  • # Example questions: ➢ What specific precautions should be taken during wire bonding to ensure reliable connections to the hmc337, particularly regarding bond length and ultrasonic energy?
    ➢ What are the recommended work and tool temperatures when using a gold-tin preform for die attachment?
    ➢ What is the recommended thickness of the alumina thin film substrate for optimal performance with the hmc337?

  • Part No.HMC337
    ManufacturerHITTITE
    Size308 Kbytes
    Pages8 pages
    DescriptionGaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
    Datasheet Summary with AI

    1. Product Overview

    ️· What it is: The HMC337 is a GaAs (Gallium Arsenide) Monolithic Microwave Integrated Circuit (MMIC) downconverter mixer.
    ️· Function: It's designed for downconversion applications, meaning it combines two signals – an LO (Local Oscillator) and an RF (Radio Frequency) – to produce a lower frequency IF (Intermediate Frequency) signal.
    ️· Manufacturer: Hittite Microwave Corporation (now part of Analog Devices).

    2. Key Specifications & Performance (From Graphs and Notes - *Detailed numbers would require careful reading of the graphs*)

    ️· Frequency Range:
    - RF Input: Around 17 - 25 GHz
    - LO Input: Similar range, typically designed for frequency difference to RF
    - IF Output: Lower than RF (achieved by frequency difference between RF and LO).
    ️· Conversion Loss: A measure of how much signal is lost during the mixing process (likely in the 2-4 dB range).
    ️· Isolation: High isolation between RF, LO, and IF ports is crucial.
    ️· Noise Figure: A measure of noise introduced by the mixer (important for overall system performance – likely in the 5-7 dB range).
    ️· LO to RF Isolation: High isolation to prevent LO signal leaking into the RF path.
    ️· IF to RF Isolation: High isolation to prevent IF signal from affecting the RF input.
    ️· Power Consumption: Relatively low power consumption (specific numbers require graph reading).

    3. Pinout and Pad Descriptions

    ️· Pad 1 (Vdd): Power Supply - Requires an external RF bypass capacitor (100-330 pF) close to the chip.
    ️· Pad 2 (RF): RF Input – AC coupled and matched to 50 ohms.
    ️· Pad 3 (IF): IF Output – DC coupled and *must* be DC blocked externally with a series capacitor. Applying DC voltage will cause failure.
    ️· Pad 4 (LO): LO Input – AC coupled and matched to 50 ohms.

    4. Assembly and Mounting Recommendations

    ️· Die Attach:
    - Eutectic: Gold-tin preform (80/20) is recommended.
    - Epoxy: Electrically conductive epoxy is an alternative.
    ️· Substrates: 0.127mm (5 mil) thick alumina thin-film substrates are preferred for microstrip lines. If thicker substrates are used, a molybdenum heat spreader is recommended.
    ️· Bonding:
    - Ribbon bonds (0.003" x 0.0005") for RF, LO, and IF.
    - Ball or wedge bonds (0.001") for DC power.
    ️· Bond Length: Keep bonds as short as possible (less than 0.31 mm / 12 mils).
    ️· Capacitors: RF bypass capacitor should be placed close to Vdd (within 0.762mm/30 mils)

    5. Handling Precautions

    ️· Storage: Keep in ESD-protected containers.
    ️· Cleanliness: Handle in a clean environment.
    ️· ESD Protection: Follow electrostatic discharge (ESD) precautions.
    ️· Transients: Suppress voltage transients.
    ️· General Handling: Handle chip edges carefully to avoid damage to air bridges.

    6. Key Takeaways for Use

    ️· DC Blocking: *Critical* to place a DC blocking capacitor on the IF output.
    ️· Bypass Capacitance: Use a good RF bypass capacitor near the Vdd pin.
    ️· Careful Handling: These are sensitive components; follow handling guidelines to avoid damage.
    ️· Layout: Minimize trace lengths and use good microstrip layout techniques for optimal performance.

    1. Product Overview

    ️· What it is: The HMC337 is a GaAs (Gallium Arsenide) Monolithic Microwave Integrated Circuit (MMIC) downconverter mixer.
    ️· Function: It's designed for downconversion applications, meaning it combines two signals – an LO (Local Oscillator) and an RF (Radio Frequency) – to produce a lower frequency IF (Intermediate Frequency) signal.
    ️· Manufacturer: Hittite Microwave Corporation (now part of Analog Devices).

    2. Key Specifications & Performance (From Graphs and Notes - *Detailed numbers would require careful reading of the graphs*)

    ️· Frequency Range:
    - RF Input: Around 17 - 25 GHz
    - LO Input: Similar range, typically designed for frequency difference to RF
    - IF Output: Lower than RF (achieved by frequency difference between RF and LO).
    ️· Conversion Loss: A measure of how much signal is lost during the mixing process (likely in the 2-4 dB range).
    ️· Isolation: High isolation between RF, LO, and IF ports is crucial.
    ️· Noise Figure: A measure of noise introduced by the mixer (important for overall system performance – likely in the 5-7 dB range).
    ️· LO to RF Isolation: High isolation to prevent LO signal leaking into the RF path.
    ️· IF to RF Isolation: High isolation to prevent IF signal from affecting the RF input.
    ️· Power Consumption: Relatively low power consumption (specific numbers require graph reading).

    3. Pinout and Pad Descriptions

    ️· Pad 1 (Vdd): Power Supply - Requires an external RF bypass capacitor (100-330 pF) close to the chip.
    ️· Pad 2 (RF): RF Input – AC coupled and matched to 50 ohms.
    ️· Pad 3 (IF): IF Output – DC coupled and *must* be DC blocked externally with a series capacitor. Applying DC voltage will cause failure.
    ️· Pad 4 (LO): LO Input – AC coupled and matched to 50 ohms.

    4. Assembly and Mounting Recommendations

    ️· Die Attach:
    - Eutectic: Gold-tin preform (80/20) is recommended.
    - Epoxy: Electrically conductive epoxy is an alternative.
    ️· Substrates: 0.127mm (5 mil) thick alumina thin-film substrates are preferred for microstrip lines. If thicker substrates are used, a molybdenum heat spreader is recommended.
    ️· Bonding:
    - Ribbon bonds (0.003" x 0.0005") for RF, LO, and IF.
    - Ball or wedge bonds (0.001") for DC power.
    ️· Bond Length: Keep bonds as short as possible (less than 0.31 mm / 12 mils).
    ️· Capacitors: RF bypass capacitor should be placed close to Vdd (within 0.762mm/30 mils)

    5. Handling Precautions

    ️· Storage: Keep in ESD-protected containers.
    ️· Cleanliness: Handle in a clean environment.
    ️· ESD Protection: Follow electrostatic discharge (ESD) precautions.
    ️· Transients: Suppress voltage transients.
    ️· General Handling: Handle chip edges carefully to avoid damage to air bridges.

    6. Key Takeaways for Use

    ️· DC Blocking: *Critical* to place a DC blocking capacitor on the IF output.
    ️· Bypass Capacitance: Use a good RF bypass capacitor near the Vdd pin.
    ️· Careful Handling: These are sensitive components; follow handling guidelines to avoid damage.
    ️· Layout: Minimize trace lengths and use good microstrip layout techniques for optimal performance.

    Part No.HMC337
    ManufacturerHITTITE
    Size308 Kbytes
    Pages8 pages
    DescriptionGaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz