Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC337 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC337
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC337 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC337 Datasheet HTML 1Page - Hittite Microwave Corporation HMC337 Datasheet HTML 2Page - Hittite Microwave Corporation HMC337 Datasheet HTML 3Page - Hittite Microwave Corporation HMC337 Datasheet HTML 4Page - Hittite Microwave Corporation HMC337 Datasheet HTML 5Page - Hittite Microwave Corporation HMC337 Datasheet HTML 6Page - Hittite Microwave Corporation HMC337 Datasheet HTML 7Page - Hittite Microwave Corporation HMC337 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
3 - 37
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input P1dB vs. Temperature
@ LO = -5 dBm, Vdd = +4V
Input P1dB vs. Temperature
@ LO = -5 dBm, Vdd = +3V
Input IP2 vs. Temperature
@ LO = -5 dBm, Vdd = +4V *
Input IP2 vs. Temperature
@ LO = -5 dBm, Vdd = +3V *
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
RF & LO Return Loss
@ LO = -5 dBm, Vdd = +4V
IF Return Loss
@ LO = -5 dBm, Vdd = +4V
0
10
20
30
40
50
60
19
20
21
22
23
24
25
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
10
20
30
40
50
60
19
20
21
22
23
24
25
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
19
20
21
22
23
24
25
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
19
20
21
22
23
24
25
+25 C
+85 C
-55 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
LO
RF
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
IF
FREQUENCY (GHz)
HMC337
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 17 - 25 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com