Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2796B Datasheet (PDF) - ATMEL Corporation

U2796B Datasheet PDF - ATMEL Corporation
Part # U2796B
Download  U2796B Download
File Size   98.16 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-GHz Single-Balanced Mixer

U2796B Datasheet (PDF)

Go To PDF Page Download Datasheet
U2796B Datasheet PDF - ATMEL Corporation

Part # U2796B
Download  U2796B Click to download

File Size   98.16 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-GHz Single-Balanced Mixer

U2796B Datasheet (HTML) - ATMEL Corporation




Similar Part No. - U2796B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2796B TEMIC-U2796B Datasheet
150Kb / 11P
2-GHz Single Balanced Mixer
logo
List of Unclassifed Man...
U2796B ETC1-U2796B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results


Similar Description - U2796B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
2.5-GHz Double Balanced Mixer
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
2.5-GHz Double balanced Mixer
logo
TEMIC Semiconductors
U2796B TEMIC-U2796B Datasheet
150Kb / 11P
2-GHz Single Balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com