Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2796B Datasheet (PDF) - TEMIC Semiconductors

U2796B Datasheet PDF - TEMIC Semiconductors
Part # U2796B
Download  U2796B Download
File Size   150.29 Kbytes
Page   11 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2-GHz Single Balanced Mixer

U2796B Datasheet (PDF)

Go To PDF Page Download Datasheet
U2796B Datasheet PDF - TEMIC Semiconductors

Part # U2796B
Download  U2796B Click to download

File Size   150.29 Kbytes
Page   11 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2-GHz Single Balanced Mixer

U2796B Datasheet (HTML) - TEMIC Semiconductors




Similar Part No. - U2796B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U2796B ETC1-U2796B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
2-GHz Single-Balanced Mixer
More results


Similar Description - U2796B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
2.5-GHz Double Balanced Mixer
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
2.5-GHz Double balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
2-GHz Single-Balanced Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com