Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLG100E2 Datasheet (PDF) - Vishay Siliconix

NTCLG100E2 Datasheet PDF - Vishay Siliconix
Part # NTCLG100E2_17
Download  NTCLG100E2 Download
File Size   87.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Glass Encapsulated High Temperature Sensors

NTCLG100E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCLG100E2 Datasheet PDF - Vishay Siliconix

Part # NTCLG100E2_17
Download  NTCLG100E2 Click to download

File Size   87.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Glass Encapsulated High Temperature Sensors

NTCLG100E2 Datasheet (HTML) - Vishay Siliconix


NTCLG100E2 Product details

• Small diameter down to 1.8 mm
• Quick response time down to 0.9 s
• Wide temperature range from -40 °C to +200 °C
• Resistant to corrosive atmospheres and harsh
environments
• Available in bulk or on tape
• Mounting: axia




Similar Part No. - NTCLG100E2_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
29-Jun-17
More results


Similar Description - NTCLG100E2_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226333 VISHAY-23226333 Datasheet
81Kb / 6P
NTC Thermistors, High Temperature Sensors
10-Oct-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
08-May-03
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3_17 Datasheet
94Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
29-Jun-17
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com