Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCSMELFE3 Datasheet (PDF) - Vishay Siliconix

NTCSMELFE3 Datasheet PDF - Vishay Siliconix
Part # NTCSMELFE3_17
Download  NTCSMELFE3 Download
File Size   94.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD MELF SOD80, Glass Encapsulated NTC Thermistors

NTCSMELFE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCSMELFE3 Datasheet PDF - Vishay Siliconix

Part # NTCSMELFE3_17
Download  NTCSMELFE3 Click to download

File Size   94.91 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD MELF SOD80, Glass Encapsulated NTC Thermistors

NTCSMELFE3 Datasheet (HTML) - Vishay Siliconix


NTCSMELFE3 Product details

• Small diameter down to 1.7 mm
• Quick response time down to 0.9 s
• Resistant to corrosive atmospheres and harsh
environments
• Wide temperature range from -40 °C to +150 °C
• Available on tape




Similar Part No. - NTCSMELFE3_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCSMELFE3103JT VISHAY-NTCSMELFE3103JT Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
NTCSMELFE3104JT VISHAY-NTCSMELFE3104JT Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
NTCSMELFE3203JT VISHAY-NTCSMELFE3203JT Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
NTCSMELFE3303JT VISHAY-NTCSMELFE3303JT Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
More results


Similar Description - NTCSMELFE3_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
10-Oct-03
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
NTC Thermistors, Glass Encapsulated Miniature Bead
08-May-03
NTCS0805E3473JHT VISHAY-NTCS0805E3473JHT Datasheet
136Kb / 8P
SMD 0805, Glass Protected NTC Thermistors
09-Mar-11
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
29-Jun-17
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
NTC Thermistors, Glass Encapsulated High Temperature Sensors
29-Jun-17
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
SMD MELF SOD80, Glass Encapsulated NTC Thermistors
24-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com