Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCOCXOHVT-AR1108 Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

SCOCXOHVT-AR1108 Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # SCOCXOHVT-AR1108
Download  SCOCXOHVT-AR1108 Download
File Size   329.2 Kbytes
Page   3 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description HC-MOS output 10 to 120 MHz

SCOCXOHVT-AR1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCOCXOHVT-AR1108 Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # SCOCXOHVT-AR1108
Download  SCOCXOHVT-AR1108 Click to download

File Size   329.2 Kbytes
Page   3 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description HC-MOS output 10 to 120 MHz

SCOCXOHVT-AR1108 Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND




Similar Part No. - SCOCXOHVT-AR1108

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOHV GOLLEDGE-SCOCXOHV Datasheet
559Kb / 5P
5.0V High Frequency Fundamental CMOS OCXO
More results


Similar Description - SCOCXOHVT-AR1108

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
MICORO CRYSTAL SWITZERL...
OCXOST MICROCRYSTAL-OCXOST Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage
logo
Teledyne Technologies I...
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
10 TO 1500 MHz 10 TO 1500 MHz
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
logo
MICORO CRYSTAL SWITZERL...
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com