Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCOCXOHV Datasheet (PDF) - Golledge Electronics Ltd

SCOCXOHV Datasheet PDF - Golledge Electronics Ltd
Part # SCOCXOHV
Download  SCOCXOHV Download
File Size   559.52 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5.0V High Frequency Fundamental CMOS OCXO

SCOCXOHV Datasheet (PDF)

Go To PDF Page Download Datasheet
SCOCXOHV Datasheet PDF - Golledge Electronics Ltd

Part # SCOCXOHV
Download  SCOCXOHV Click to download

File Size   559.52 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5.0V High Frequency Fundamental CMOS OCXO

SCOCXOHV Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - SCOCXOHV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHVT-AR110 MICROCRYSTAL-SCOCXOHVT-AR110 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOHVT-AR1100 MICROCRYSTAL-SCOCXOHVT-AR1100 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOHVT-AR1108 MICROCRYSTAL-SCOCXOHVT-AR1108 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOHVT-AR1120 MICROCRYSTAL-SCOCXOHVT-AR1120 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOHVT-AR120 MICROCRYSTAL-SCOCXOHVT-AR120 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
More results


Similar Description - SCOCXOHV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO46 GOLLEDGE-GVXO46 Datasheet
62Kb / 1P
3.3V VCXO High Frequency Fundamental
logo
EUROQUARTZ limited
ZN240 EUROQUARTZ-ZN240 Datasheet
79Kb / 1P
High Frequency Fundamental/Low Jitter
logo
Golledge Electronics Lt...
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
3.3 & 5.0V OCXO CMOS Output Low Phase Noise
SCOCXOL GOLLEDGE-SCOCXOL Datasheet
145Kb / 2P
3.3 & 5.0V OCXO CMOS Output Fast Warm Up
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
GVXO-27S GOLLEDGE-GVXO-27S Datasheet
574Kb / 5P
5V High Frequency Fundamental VCXO
HCD181 GOLLEDGE-HCD181_18 Datasheet
555Kb / 4P
Low Frequency OCXO with CMOS Output
HCD191 GOLLEDGE-HCD191_18 Datasheet
576Kb / 4P
Low Frequency OCXO with CMOS Output
SCOCXOHW GOLLEDGE-SCOCXOHW Datasheet
559Kb / 5P
3.3V High Frequency Fundamental CMOS OCXO
OCXOVST GOLLEDGE-OCXOVST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com