Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1001 Datasheet (PDF) - Littelfuse

SP1001 Datasheet PDF - Littelfuse
Part # SP1001
Download  SP1001 Download
File Size   964.58 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 8pF 15kV Unidirectional TVS Array

SP1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1001 Datasheet PDF - Littelfuse

Part # SP1001
Download  SP1001 Click to download

File Size   964.58 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 8pF 15kV Unidirectional TVS Array

SP1001 Datasheet (HTML) - Littelfuse


SP1001 Product details

Description
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge) without performance degradation. Their very low loading capacitance also makes them ideal for protecting high-speed signal pins.

Features
• Low capacitance of 8pF (TYP) per I/O
• ESD protection of ±15kV contact discharge, ±30kV air discharge, (Level 4, IEC 61000-4-2)
• EFT protection, IEC 61000-4-4, 40A (5/50ns)
• Low leakage current of 0.5 to 0.1μA (MAX) at 5V
• Small package saves board space
• Lightning protection, IEC 61000-4-5, 2nd edition 2A (8/20µs)
• AEC-Q101 qualified (SC70-x packages)
• RoHS compliant and leadfree

Applications
• Computer Peripherals
• Mobile Phones
• Digital Cameras
• Desktops/Notebooks
• LCD/PDP TVs
• Set Top Boxes
• DVD Players
• MP3/PMP




Similar Part No. - SP1001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001 LITTELFUSE-SP1001 Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
193Kb / 7P
Silicon Protection Arrays
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1001-02XTG LITTELFUSE-SP1001-02XTG Datasheet
193Kb / 7P
Silicon Protection Arrays
SP1001-02XTG LITTELFUSE-SP1001-02XTG Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
More results


Similar Description - SP1001

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
SP1011 Series 7pF 15kV Unidirectional TVS Array
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
Protek Devices
PLR0503 PROTEC-PLR0503_15 Datasheet
387Kb / 6P
9PF UNIDIRECTIONAL TVS ARRAY
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Diodes Incorporated
D58V0M4U8MR DIODES-D58V0M4U8MR Datasheet
232Kb / 5P
58V UNIDIRECTIONAL TVS DIODE ARRAY
Rev 2
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
Unidirectional 5-Line TVS Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com