Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1011 Datasheet (PDF) - Littelfuse

SP1011 Datasheet PDF - Littelfuse
Part # SP1011
Download  SP1011 Download
File Size   266.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1011 Series 7pF 15kV Unidirectional TVS Array

SP1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1011 Datasheet PDF - Littelfuse

Part # SP1011
Download  SP1011 Click to download

File Size   266.66 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP1011 Series 7pF 15kV Unidirectional TVS Array

SP1011 Datasheet (HTML) - Littelfuse


SP1011 Product details

Description
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience destructive electrostatic discharges (ESD). These robust diodes can safely absorb repetitive ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge) without performance degradation. Their very low loading capacitance also makes them ideal for protection highspeed signal pins.

Features
• ESD, IEC61000-4-2, ±15kV contact, ±30kV air
• Lightning, IEC61000-4-5, 2A (tp=8/20µs)
• Low capacitance of 7 pF (TYP) per I/O @ 2.5V
• Low leakage current of 1µA (MAX) at 5V
• Tiny μDFN( JEDEC MO- 229) package (1.25mm x 1.0mm x 0.5mm)
• EFT protection IEC61000-4-4, 40A (5/50ns)

Applications
• LCD/PDP TV
• DVD Player
• Desktop
• Set Top Box
• Mobile Phone
• Notebook
• MP3/PMP
• Digital camera




Similar Part No. - SP1011

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
SP1011 Series 7pF 15kV Unidirectional TVS Array
More results


Similar Description - SP1011

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
Protek Devices
PLR0503 PROTEC-PLR0503_15 Datasheet
387Kb / 6P
9PF UNIDIRECTIONAL TVS ARRAY
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
Littelfuse
SP1001 LITTELFUSE-SP1001 Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
SP1012 LITTELFUSE-SP1012 Datasheet
905Kb / 4P
SP1012 Series 6.5pF, 15kV Bidirectional TVS Array
logo
TECH PUBLIC Electronics...
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
Unidirectional 5-Line TVS Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com