Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB-TK2050 Datasheet (PDF) - List of Unclassifed Manufacturers

RB-TK2050 Datasheet PDF - List of Unclassifed Manufacturers
Part # RB-TK2050
Download  RB-TK2050 Download
File Size   415.01 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD

RB-TK2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB-TK2050 Datasheet PDF - List of Unclassifed Manufacturers

Part # RB-TK2050
Download  RB-TK2050 Click to download

File Size   415.01 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD

RB-TK2050 Datasheet (HTML) - List of Unclassifed Manufacturers


RB-TK2050 Product details

[Tripath Technology, Inc .]

GENERAL DESCRIPTION
The RB-TK2050 Parallel Reference is a single supply, 110W, single channel amplifier designed to provide a simple and straightforward environment for the evaluation of the TK2050 as a mono amplifier. For additional documentation on the TK2050, see the TK2050 Data Sheet.

FEATURES
➤ High Continuous Power∗: 100W @ 4Ω
∗ 1/8 power for 1 hour followed by full power for 5 minutes.
➤ Low Noise Floor: <110uV A-weighted
➤ Low Distortion: .006% THD+N, 20W, 4Ω
                             .1% THD+N, 82W, 4Ω
                              1% THD+N, 90W, 4Ω
➤ High Efficiency: 86% @ 110W, 4Ω
➤ Over-Current Protection
➤ Over and Under Voltage Protection
➤ Over Temperature Protection

APPLICATIONS
➤ Powered Subwoofers
➤ 4 Ω mono
➤ Home Theater Receivers
➤ Multi-channel Distribution
➤ Powered DVD Systems
➤ Mini/Micro Systems

BENEFITS
➤ More power per cubic inch for 110W design
➤ Simplifies thermal management
➤ Signal Quality comparable to high quality, linear amplifiers
➤ Simple building block for multichannel design




Similar Part No. - RB-TK2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
More results


Similar Description - RB-TK2050

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
EB-TA2022 TRIPATH-EB-TA2022 Datasheet
530Kb / 13P
CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TA2022 EVALUATION BOARD
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
logo
List of Unclassifed Man...
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
EB-TK2050 TRIPATH-EB-TK2050 Datasheet
538Kb / 14P
CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TK2050 EVALUATION BOARD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com