Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE32 Datasheet (PDF) - NTE Electronics

NTE32 Datasheet PDF - NTE Electronics
Part # NTE32
Download  NTE32 Download
File Size   20.32 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output

NTE32 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE32 Datasheet PDF - NTE Electronics

Part # NTE32
Download  NTE32 Click to download

File Size   20.32 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output

NTE32 Datasheet (HTML) - NTE Electronics


NTE32 Product details

Features:

• High Voltage: VCEO = 160V

• High Continuous Collector Current Capability



Applications:

• Vertical Deflection Output & Sound Output Applications for Line Operated TV



 




Similar Part No. - NTE32

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
Silicon NPN RF Power Transistor 40W @ 175MHz
NTE320F NTE-NTE320F Datasheet
27Kb / 3P
Silicon NPN RF Power Transistor 40W @ 175MHz
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE3220 NTE-NTE3220 Datasheet
25Kb / 3P
Optoisolator NPN Transistor Output
NTE3221 NTE-NTE3221 Datasheet
25Kb / 3P
Optoisolator NPN Transistor Output
More results


Similar Description - NTE32

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1789 NTE-NTE1789 Datasheet
24Kb / 2P
Integrated Circuit TV Sound Preamp, AF Output, Volume Control
logo
Panasonic Semiconductor
AN5265 PANASONIC-AN5265 Datasheet
28Kb / 2P
TV Sound Output Circuit
logo
Sanyo Semicon Device
2SB1037 SANYO-2SB1037 Datasheet
107Kb / 4P
Color TV Vertical Output, Sound Output Applications
2SC4217 SANYO-2SC4217 Datasheet
84Kb / 3P
Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications
logo
Fairchild Semiconductor
KSA1013 FAIRCHILD-KSA1013 Datasheet
55Kb / 5P
Color TV Audio Output Color TV Vertical Deflection Output
logo
Panasonic Semiconductor
AN5217 PANASONIC-AN5217 Datasheet
242Kb / 4P
TV Sound IF Amplifier Detector AF Output Circuits
logo
Wuxi Youda electronics ...
YD5265 YOUDA-YD5265 Datasheet
64Kb / 3P
TV SOUND OUTPUT CIRCUIT
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408_07 Datasheet
139Kb / 5P
Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
logo
Unisonic Technologies
2SC2383 UTC-2SC2383 Datasheet
70Kb / 3P
COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
2SC2383 UTC-2SC2383_15 Datasheet
65Kb / 3P
COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com