Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE320 Datasheet (PDF) - NTE Electronics

NTE320 Datasheet PDF - NTE Electronics
Part # NTE320
Download  NTE320 Download
File Size   27.23 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor 40W @ 175MHz

NTE320 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE320 Datasheet PDF - NTE Electronics

Part # NTE320
Download  NTE320 Click to download

File Size   27.23 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor 40W @ 175MHz

NTE320 Datasheet (HTML) - NTE Electronics


NTE320 Product details

Description:
The NTE320 and NTE320F are silicon NPN power transistors designed for 12.5V VHF large–signal amplifier applications required in commercial and industrial equipment operating to 300MHz.

Features:
● Specified 12.5V, 175MHz Characteristics:
    Output Power: 40W
    Minimum Gain: 4.5dB
    Efficiency: 70%
● Available in Two Different Package Styles:
    T72 Stud Mount: NTE320
    W52K Flange Mount: NTE320F




Similar Part No. - NTE320

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE32 NTE-NTE32 Datasheet
20Kb / 2P
Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE3220 NTE-NTE3220 Datasheet
25Kb / 3P
Optoisolator NPN Transistor Output
NTE3221 NTE-NTE3221 Datasheet
25Kb / 3P
Optoisolator NPN Transistor Output
NTE3222 NTE-NTE3222 Datasheet
27Kb / 2P
Optoisolator NPN Transistor Output
More results


Similar Description - NTE320

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
logo
M/A-COM Technology Solu...
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
RF Power MOSFET Transistor 40W, 2-175MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com