Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE360 Datasheet (PDF) - NTE Electronics

NTE360 Datasheet PDF - NTE Electronics
Part # NTE360
Download  NTE360 Download
File Size   73.8 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz

NTE360 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE360 Datasheet PDF - NTE Electronics

Part # NTE360
Download  NTE360 Click to download

File Size   73.8 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz

NTE360 Datasheet (HTML) - NTE Electronics


NTE360 Product details

Description:
The NTE360 is designed primarily for wideband large−signal amplifier stages in the 125−175MHz frequency range.

Features:
• Specified 28 Volt, 175MHz Characteristics:
    Output Power = 40 Watts
    Minimum Gain = 7.6dB
    Efficiency = 60%
• Characterized from 125 to 175MHz
• Includes Series Equivalent Impedances




Similar Part No. - NTE360

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
Silicon NPN Transistor RF Power
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, PO = 4W
NTE365 NTE-NTE365 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz
More results


Similar Description - NTE360

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16002 NTE-NTE16002 Datasheet
23Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 13.5W, 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
Silicon NPN RF Power Transistor 40W @ 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com