Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4283S8 Datasheet (PDF) - Xicor Inc.

X4283S8 Datasheet PDF - Xicor Inc.
Part # X4283S8
Download  X4283S8 Download
File Size   412.18 Kbytes
Page   22 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 128K EEPROM

X4283S8 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4283S8 Datasheet PDF - Xicor Inc.

Part # X4283S8
Download  X4283S8 Click to download

File Size   412.18 Kbytes
Page   22 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description CPU Supervisor with 128K EEPROM

X4283S8 Datasheet (HTML) - Xicor Inc.


X4283S8 Product details

DESCRIPTION

The X4283/85 combines four popular functions, Power-on Reset Control, Watchdog Timer, Supply Volt age Supervision, and Block Lock protect serial EEPROM memory in one package. This combination lowers system cost, reduces board space require ments, and increases reliability.



FEATURES

• Selectable watchdog timer

• Low VCC detection and reset assertion

   —Four standard reset threshold voltages

   —Adjust low VCC reset threshold voltage using special programming sequence

   —Reset signal valid to VCC = 1V

• Low power CMOS

   —<20µA max standby current, watchdog on

   —<1µA standby current, watchdog OFF

   —3mA active current

• 128Kbits of EEPROM

   —64 byte page write mode

   —Self-timed write cycle

   —5ms write cycle time (typical)

• Built-in inadvertent write protection

   —Power-up/power-down protection circuitry

   —Protect 0, 1/4, 1/2, all or 64, 128, 256 or 512 bytes of EEPROM array with programmable Block Lock™ protection

• 400kHz 2-wire interface

• 2.7V to 5.5V power supply operation

• Available packages

   —8-lead SOIC

   —8-lead TSSOP



 




Similar Part No. - X4283S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283S8 INTERSIL-X4283S8 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
X4283S8 INTERSIL-X4283S8 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Renesas Technology Corp
X4283S8 RENESAS-X4283S8 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4283S8-2.7 INTERSIL-X4283S8-2.7 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
X4283S8-2.7 INTERSIL-X4283S8-2.7 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
More results


Similar Description - X4283S8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
CPU Supervisor with 32K EEPROM
March 29, 2005
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com