Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4163 Datasheet (PDF) - Intersil Corporation

X4163 Datasheet PDF - Intersil Corporation
Part # X4163_06
Download  X4163 Download
File Size   352.16 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 16K EEPROM

X4163 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4163 Datasheet PDF - Intersil Corporation

Part # X4163_06
Download  X4163 Click to download

File Size   352.16 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 16K EEPROM

X4163 Datasheet (HTML) - Intersil Corporation




Similar Part No. - X4163_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
X4163S8 INTERSIL-X4163S8 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4163S8 INTERSIL-X4163S8 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
X4163S8-2.7 INTERSIL-X4163S8-2.7 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4163S8-2.7 INTERSIL-X4163S8-2.7 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Similar Description - X4163_06

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
CPU Supervisor with 32k EEPROM
May 25, 2006
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com