Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4163 Datasheet (PDF) - Renesas Technology Corp

X4163 Datasheet PDF - Renesas Technology Corp
Part # X4163
Download  X4163 Download
File Size   880.57 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM

X4163 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4163 Datasheet PDF - Renesas Technology Corp

Part # X4163
Download  X4163 Click to download

File Size   880.57 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM

X4163 Datasheet (HTML) - Renesas Technology Corp


X4163 Product details

FEATURES
• Selectable watchdog timer
• Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20μA max standby current, watchdog on
—<1μA standby current, watchdog OFF
—3mA active current
• 16Kbits of EEPROM
—64-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block Lock (1, 2, 4, 8 pages, all, none)
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available Packages
—8 Ld SOIC
—8 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X4163

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4163 INTERSIL-X4163 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
X4163 INTERSIL-X4163 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
X4163S8 INTERSIL-X4163S8 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
More results


Similar Description - X4163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
logo
Microchip Technology
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
16K (2K x 8) CMOS EEPROM
2004
logo
Intersil Corporation
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com