Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN12816D Datasheet (PDF) - List of Unclassifed Manufacturers

HMN12816D Datasheet PDF - List of Unclassifed Manufacturers
Part # HMN12816D
Download  HMN12816D Download
File Size   143.7 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V

HMN12816D Datasheet (PDF)

Go To PDF Page Download Datasheet
HMN12816D Datasheet PDF - List of Unclassifed Manufacturers

Part # HMN12816D
Download  HMN12816D Click to download

File Size   143.7 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V

HMN12816D Datasheet (HTML) - List of Unclassifed Manufacturers


HMN12816D Product details

GENERAL DESCRIPTION

The HMN12816D 128K x 16 nonvolatile SRAM’s are 2,097,152-bit fully static, nonvolatile SRAM’s, organized as 131,072 words by 16 bits. Each NVSRAM has a self contained lithium energy source and control circuitry which constantly monitors Vcc for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. DIP-package HMN12816D devices can be used in place of solutions which build nonvolatile 128Kx16 memory by utilizing a variety of discrete components. There is no limit on the number of write cycles that can be executed and no additional support circuitry is required for microprocessor interfacing.



FEATURES

Access time : 70, 85, 120, 150ns

High-density design : 256KByte Design

Battery internally isolated until power is applied

Industry-standard 40-pin 128K x 16 pinout

Unlimited write cycles

Data retention in the absence of VCC

10-years minimum data retention in absence of power

Automatic write-protection during power-up/power-down cycles

Data is automatically protected during power loss

Conventional SRAM operation; unlimited write cycles




Similar Part No. - HMN12816D

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN12816D-120 HANBIT-HMN12816D-120 Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN12816D-120I HANBIT-HMN12816D-120I Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN12816D-150 HANBIT-HMN12816D-150 Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN12816D-150I HANBIT-HMN12816D-150I Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
More results


Similar Description - HMN12816D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN4M8D HANBIT-HMN4M8D Datasheet
172Kb / 9P
Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
DLG Hanbit co.,Ltd.
HMN2M8DE DLGHANBIT-HMN2M8DE Datasheet
571Kb / 7P
Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP, 5V
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
HMN4M8DE DLGHANBIT-HMN4M8DE Datasheet
584Kb / 7P
Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 5V
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com