Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1620 Datasheet (PDF) - Analog Intergrations Corporation

AIC1620 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1620
Download  AIC1620 Download
File Size   456.97 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description High Efficiency Synchronous Step-Up DC/DC Converter

AIC1620 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1620 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1620
Download  AIC1620 Click to download

File Size   456.97 Kbytes
Page   12 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description High Efficiency Synchronous Step-Up DC/DC Converter

AIC1620 Datasheet (HTML) - Analog Intergrations Corporation


AIC1620 Product details

DESCRIPTION
The AIC1620/AIC1621/AIC1622 are high efficiency step up DC-DC converter. The start-up voltage is as low as 0.8V and operate with an input voltage down to 0.7V. Consuming only 20mA of quiescent current. These devices offer a built-in synchronous rectifier that reduces size and cost by eliminating the need for an external Schottky diode and improves overall efficiency by minimizing losses.

FEATURES
• High Efficiency 93% (VIN=2.4V, VOUT=3.3V, IOUT=200mA).
• 20mA Quiescent Supply Current.
• Power-Saving Shutdown Mode (0.1mA typical).
• Internal Synchronous Rectifier ( no external diode )
• Selectable Current Limit for Reduced Ripple ( AIC1622 ).
• Low Noise , Anti-Ringing Feature ( AIC1622 )
• On-Chip Low Battery Detector.
• Low Battery Hysteresis

APPLICATIONS
• Palmtop & Notebook Computers.
• PDAs
• Wireless Phones
• Pocket Organizers.
• Cameras.
• 1 to 2-Cell Hand-Held Devices




Similar Part No. - AIC1620

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CN AIC-AIC1628CN Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1628CS AIC-AIC1628CS Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
More results


Similar Description - AIC1620

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com