Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1628 Datasheet (PDF) - Analog Intergrations Corporation

AIC1628 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1628
Download  AIC1628 Download
File Size   259.02 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-Cell, High-Efficiency, Step-Up DC/DC Converter

AIC1628 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1628 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1628
Download  AIC1628 Click to download

File Size   259.02 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 3-Cell, High-Efficiency, Step-Up DC/DC Converter

AIC1628 Datasheet (HTML) - Analog Intergrations Corporation


AIC1628 Product details

 FEATURES

4V to 24V Input Voltage Operation.

Adjustable Output Voltage.

Low Quiescent Current at 100µA.

Pulse-Skipping and Pulse-Frequency Modulation Maintain High Efficiency (max. 95%).

90KHz to 250KHz Oscillator Frequency.

Power-Saving Shutdown Mode (8µA Typical).

Push-Pull Driver Output.




Similar Part No. - AIC1628

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1620COTR AIC-AIC1620COTR Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621 AIC-AIC1621 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1621COTR AIC-AIC1621COTR Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1622 AIC-AIC1622 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
More results


Similar Description - AIC1628

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com