Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725 Datasheet (PDF) - Integrated Circuit Systems

ICS8725 Datasheet PDF - Integrated Circuit Systems
Part # ICS8725
Download  ICS8725 Download
File Size   96.44 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER

ICS8725 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8725 Datasheet PDF - Integrated Circuit Systems

Part # ICS8725
Download  ICS8725 Click to download

File Size   96.44 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER

ICS8725 Datasheet (HTML) - Integrated Circuit Systems


ICS8725 Product details

GENERAL DESCRIPTION
The ICS8725 is a high performance LVHSTL zero delay buffer and a member of the HiPerClockS™ family of High Performance Clocks Solutions from ICS. The VCO operates at a frequency range of 250MHz to 500MHz. Utilizing one of the outputs as feedback to the PLL output frequencies up to 500MHz can be regenerated with zero delay with respect to the input. Dual reference clock inputs support redundant clock or multiple reference applications.

FEATURES
• Fully integrated PLL
• 5 LVHSTL outputs each with the ability to drive 50Ω to ground
• Voh (max) = 1.2V
• 31.25MHz to 500MHz output frequency range
• Spread Smart™ for regenerating spread spectrum clocks
• Differential reference clock inputs accept any differential input signal
•· Differential reference clock inputs will accept single ended input signal with one of the inputs biased with a resistor network
• 31.25MHz to 622MHz input frequency range
• LVCMOS / LVTTL control inputs
• 3.3V core, 1.8V output operating supply voltage
• 32 lead low-profile QFP (LQFP), 7mm x 7mm x 1.4mm package body, 0.8mm package lead pitch
• 0°C to 70°C ambient operating temperature
• Industrial temperature version available upon request




Similar Part No. - ICS8725

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
ICS8725B-01
JULY 16, 2009
ICS8725BM-21LF RENESAS-ICS8725BM-21LF Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS8725BM-21LFT RENESAS-ICS8725BM-21LFT Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
More results


Similar Description - ICS8725

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8602 ICST-ICS8602 Datasheet
148Kb / 10P
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
REV. F APRIL 16, 2003
ICS8624 ICST-ICS8624 Datasheet
288Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
REV. C JUNE 15, 2004
ICS86953I-147 ICST-ICS86953I-147 Datasheet
269Kb / 13P
DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
REV. B APRIL 23, 2004
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
ICS8624I IDT-ICS8624I Datasheet
182Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER
ICS87951I IDT-ICS87951I Datasheet
191Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY BUFFER
logo
Asahi Kasei Microsystem...
AK8122V AKM-AK8122V Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
AK8122E AKM-AK8122E Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
AK8122 AKM-AK8122 Datasheet
265Kb / 9P
Differential Zero Delay Clock Buffer
logo
Renesas Technology Corp
ICS86953I-147 RENESAS-ICS86953I-147 Datasheet
171Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVCMOS / LVTTL ZERO DELAY BUFFER
2010
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com