Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8725 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8725
Description  DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8725 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8725 Datasheet HTML 1Page - Integrated Circuit Systems ICS8725 Datasheet HTML 2Page - Integrated Circuit Systems ICS8725 Datasheet HTML 3Page - Integrated Circuit Systems ICS8725 Datasheet HTML 4Page - Integrated Circuit Systems ICS8725 Datasheet HTML 5Page - Integrated Circuit Systems ICS8725 Datasheet HTML 6Page - Integrated Circuit Systems ICS8725 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8725
www.icst.com/products/hiperclocks.html
REV. A MARCH 5, 2001
5
Integrated
Circuit
Systems, Inc.
ICS8725
1-TO-5
DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER
PRELIMINARY
TABLE 6. AC CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
t
u
O
m
u
m
i
x
a
M
0
0
5z
H
M
P
P
Ve
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
Pz
H
M
0
0
5
=
f
R
M
C
Ve
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
Cz
H
M
0
0
5
=
f
H
L
p
t
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
h
g
i
H
-
o
t
-
w
o
L
z
H
M
0
,
V
0
=
L
E
S
_
L
L
P
≤ f ≤
z
H
M
0
0
5D
B
TD
B
Ts
n
L
H
p
t
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
w
o
L
-
o
t
-
h
g
i
H
z
H
M
0
,
V
0
=
L
E
S
_
L
L
P
≤ f ≤
z
H
M
0
0
5D
B
TD
B
Ts
n
)
Ø
(
t
e
c
n
e
r
e
f
e
R
L
L
P
;
y
a
l
e
D
o
r
e
Z
2
E
T
O
N
,
1
K
L
C
_
F
E
R
1
K
L
C
_
F
E
R
n
,
2
K
L
C
_
F
E
R
2
K
L
C
_
F
E
R
n
,
D
B
T
=
F
E
R
f
,
V
3
.
3
=
L
E
S
_
L
L
P
D
B
T
=
O
C
V
f
0
0
1
-D
B
T0
0
1s
p
)
o
(
k
s
t3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
O
D
D
V
0
0
1s
p
)
c
c
(
t
ij
tr
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
2
/
O
D
D
V
0
0
1
±s
p
L
te
m
i
T
k
c
o
L
L
L
P
D
B
T
R
te
m
i
T
e
s
i
R
t
u
p
t
u
O
D
B
TD
B
Ts
p
F
te
m
i
T
ll
a
F
t
u
p
t
u
O
D
B
TD
B
Ts
p
W
P
th
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
z
H
M
0
≤ f ≤
z
H
M
0
0
5
2
/
E
L
C
Y
C
t
D
B
T
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
D
B
T
+
s
n
z
H
M
0
0
5
=
fD
B
T8
0
.
2D
B
Ts
n
N
E
te
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
D
B
Ts
n
S
I
D
te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
D
B
Ts
n
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
o
ll
A
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
X
A
M
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
:
1
E
T
O
N
Ω
.
2
/
O
D
D
V
o
t
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
d
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
s
r
i
a
p
t
n
e
c
a
j
d
a
f
o
e
l
p
m
a
s
m
o
d
n
a
r
a
r
e
v
o
,
s
e
l
c
y
c
t
n
e
c
a
j
d
a
n
e
e
w
t
e
b
l
a
n
g
i
s
a
f
o
e
m
i
t
e
l
c
y
c
n
i
n
o
i
t
a
i
r
a
v
e
h
t
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
.
s
e
l
c
y
c
f
o
TABLE 5D. LVHSTL DC CHARACTERISTICS, VDDI=VDDA=3.3V±5%, VDDO=1.8V±5%, TA=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
H
O
V1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O0
.
12
.
1V
L
O
V1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O0
4
.
0V
X
O
Ve
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
O
)
L
O
V
-
H
O
V
(
x
%
0
4
L
O
V
+
)
L
O
V
-
H
O
V
(
x
%
0
6
L
O
V
+
V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
.
W
m
2
3
s
i
r
i
a
p
t
u
p
t
u
o
d
e
t
a
n
i
m
r
e
t
a
f
o
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
h
T
.
d
n
u
o
r
g
o
t



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com