Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE367 Datasheet (PDF) - NTE Electronics

NTE367 Datasheet PDF - NTE Electronics
Part # NTE367
Download  NTE367 Download
File Size   22.1 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz

NTE367 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE367 Datasheet PDF - NTE Electronics

Part # NTE367
Download  NTE367 Click to download

File Size   22.1 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz

NTE367 Datasheet (HTML) - NTE Electronics


NTE367 Product details

Description:
The NTE367 is a silicon NPN RF power transistor in a W65 type package designed for 12.5V UHF large–signal amplifier applications in industrial and commercial FM equipment operating to 512MHz.

Features:
● Specified 12.5V, 470MHz Characteristics:
    Output Power: 45W
    Minimum Gain: 4.8dB
    Efficiency: 55%
● Characterized with Series Equivalent Large–Signal Impedance Parameters
● Built–In Matching Network for Broadband Operation
● Tested for Load Mismatch Stress at all Phase Angles with 20:1 VSWR @ 16V High Line and 50% Overdrive




Similar Part No. - NTE367

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
Silicon NPN Transistor RF Power
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, PO = 4W
More results


Similar Description - NTE367

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, PO = 4W
NTE365 NTE-NTE365 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE368 NTE-NTE368 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output PO = 60W @ 512MHz
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com