Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1522 Datasheet (PDF) - Gennum Corporation

GS1522 Datasheet PDF - Gennum Corporation
Part # GS1522
Download  GS1522 Download
File Size   414.77 Kbytes
Page   20 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Serial Digital Serializer

GS1522 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1522 Datasheet PDF - Gennum Corporation

Part # GS1522
Download  GS1522 Click to download

File Size   414.77 Kbytes
Page   20 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Serial Digital Serializer

GS1522 Datasheet (HTML) - Gennum Corporation


GS1522 Product details

DESCRIPTION
The GS1522 is a monolithic bipolar integrated circuit designed to serialize SMPTE 274M and SMPTE 260M bit parallel digital signals.

FEATURES
• SMPTE 292M compliant
• 20:1 parallel to serial conversion
• NRZ(I) encoder & SMPTE scrambler with selectable bypass
• NRZ to NRZ(I) serial data conversion
• 1.485Gb/s and 1.485/1.001Gb/s operation
• lock detect output
• selectable DUAL or QUAD 75Ω cable driver outputs
• 8 bit or 10 bit input data support
• 20 bit wide inputs
• Pb-free and Green
• 3.3V and 5V CMOS/TTL compatible inputs
• single +5.0V power supply

APPLICATIONS
    SMPTE 292M Serial Digital Interfaces for Video Cameras, Camcorders, VTRs, Signal Generators, Portable Equipment, and NLEs.




Similar Part No. - GS1522

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
More results


Similar Description - GS1522

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
HDTV Serial Digital Deformatter with ANC FIFOs
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
HDTV Serial Digital Deformatter
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
HDTV Serial Digital Reclocker
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
HDTV Serial Digital Formatter with ANC FIFOs
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com