Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1545 Datasheet (PDF) - Gennum Corporation

GS1545 Datasheet PDF - Gennum Corporation
Part # GS1545
Download  GS1545 Download
File Size   198.37 Kbytes
Page   19 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Serial Digital Equalizing Receiver

GS1545 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1545 Datasheet PDF - Gennum Corporation

Part # GS1545
Download  GS1545 Click to download

File Size   198.37 Kbytes
Page   19 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description HDTV Serial Digital Equalizing Receiver

GS1545 Datasheet (HTML) - Gennum Corporation


GS1545 Product details

DESCRIPTION

The GS1545 is a high performance integrated Equalizing Receiver designed for  HDTV component signals, conforming to the SMPTE 292M standard. The GS1545 includes adjustmentfree adaptive cableequalization, clock and data recovery, and serial to parallel conversion.



FEATURES

• SMPTE 292M compliant

• 1.485 and 1.485/1.001Gb/s operation

• integrated adaptive cable equalizer

• integrated adjustment-free reclocker

• 1:20 serial to parallel conversion

• selectable reclocked serial output

• analog/digital input MUX

• carrier detect

• LOCK detect

• input jitter indicator (IJI)

• cable length indication

• maximum cable length adjust

• 20 bit output

• 74.25MHz or 74.25/1.001MHz clock output

• Pb-free and Green

• single +5.0V power supply

• minimal component count for HD SDI receive solutions



APPLICATIONS

SMPTE 292M Serial Digital Interfaces for Video Cameras, Camcorders, VTRs, Signal Generators, Portable Equipment, and NLEs.




Similar Part No. - GS1545

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545 GENNUM-GS1545 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1545-CQR GENNUM-GS1545-CQR Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1545-CQRE3 GENNUM-GS1545-CQRE3 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
More results


Similar Description - GS1545

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
HDTV Serial Digital Deformatter
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
HDTV Serial Digital Non-Equalizing Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
Serial Digital Receiver
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
HDTV Serial Digital Equalizing Receiver
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
Serial Digital Receiver
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com