Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3121EDE Datasheet (PDF) - Linear Technology

LTC3121EDE Datasheet PDF - Linear Technology
Part # LTC3121EDE
Download  LTC3121EDE Download
File Size   222.72 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency 15V 1.5A Synchronous Step-Up Converter

LTC3121EDE Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3121EDE Datasheet PDF - Linear Technology

Part # LTC3121EDE
Download  LTC3121EDE Click to download

File Size   222.72 Kbytes
Page   6 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description High Efficiency 15V 1.5A Synchronous Step-Up Converter

LTC3121EDE Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3121EDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Similar Description - LTC3121EDE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Monolithic Power System...
MP1543 MPS-MP1543 Datasheet
293Kb / 9P
1.5A, 500KHz Synchronous Rectified Step-up Converter
MP2106 MPS-MP2106 Datasheet
291Kb / 11P
1.5A, 15V, 800KHz Synchronous Buck Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3122EDE LINER-LTC3122EDE Datasheet
122Kb / 6P
High Efficiency 15V 2.5A Synchronous Step-Up Converter
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com