Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE134 Datasheet (PDF) - NTE Electronics

NTE134 Datasheet PDF - NTE Electronics
Part # NTE134
Download  NTE134 Download
File Size   30.78 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 1 Watt 짹5% Tolerance

NTE134 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE134 Datasheet PDF - NTE Electronics

Part # NTE134
Download  NTE134 Click to download

File Size   30.78 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 1 Watt 짹5% Tolerance

NTE134 Datasheet (HTML) - NTE Electronics


NTE134 Product details

Features:

• Zener Voltage 110V to 200V

• Low Cost

• Low Zener Impedance

• Excellent Clamping

• Easily Cleaned with Freon, Alcohol, Chlorothene, and Similar Solvents



 




Similar Part No. - NTE134

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1340 NTE-NTE1340 Datasheet
56Kb / 2P
Integrated Circuit Module, Hybrid, Audio Power Amplifier, 24W 2 Power Supplies Required
NTE1343 NTE-NTE1343 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 10W/Ch
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE134A NTE-NTE134A Datasheet
52Kb / 4P
NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Similar Description - NTE134

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
Zener Diode, 300mW 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
Zener Diode, 5 Watt 짹5% Tolerance
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
Zener Diode, 10 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
50 Watt Zener Diodes 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
Zener Diode, 10 Watt 짹5% Tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com