Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN10A09K Datasheet (PDF) - Zetex Semiconductors

ZXMN10A09K Datasheet PDF - Zetex Semiconductors
Part # ZXMN10A09K
Download  ZXMN10A09K Download
File Size   197.89 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN10A09K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMN10A09K Datasheet PDF - Zetex Semiconductors

Part # ZXMN10A09K
Download  ZXMN10A09K Click to download

File Size   197.89 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN10A09K Datasheet (HTML) - Zetex Semiconductors


ZXMN10A09K Product details

SUMMARY

V(BR)DSS=100V : RDS(on)=0.085 ; ID=7.7A



DESCRIPTION

This new generation of Trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.



FEATURES

• Low on-resistance

• Fast switching speed

• Low gate drive

• D-Pak (T0-252) package



APPLICATIONS

• DC-DC Converters

• Power management functions

• Disconnect switches

• Motor control



 




Similar Part No. - ZXMN10A09K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
ZXMN10A09KTC DIODES-ZXMN10A09KTC Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
logo
VBsemi Electronics Co.,...
ZXMN10A09KTC VBSEMI-ZXMN10A09KTC Datasheet
1,010Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
ZXMN10A09KTC ISC-ZXMN10A09KTC Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
ZXMN10A09K DIODES-ZXMN10A09K_15 Datasheet
660Kb / 8P
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
More results


Similar Description - ZXMN10A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
100V DPAK N-channel enhancement mode MOSFET
ZXMP10A16K ZETEX-ZXMP10A16K Datasheet
750Kb / 8P
100V DPAK P-channel enhancement mode MOSFET
ZXMP10A18K ZETEX-ZXMP10A18K Datasheet
818Kb / 8P
100V DPAK P-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
ZXMN10A11K ZETEX-ZXMN10A11K Datasheet
794Kb / 8P
100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
100V DPAK N-channel enhancement mode MOSFET
AUGUST 2006
ZXMP10A16K DIODES-ZXMP10A16K Datasheet
763Kb / 8P
100V DPAK P-channel enhancement mode MOSFET
OCTOBER 2006
ZXMP10A18K DIODES-ZXMP10A18K Datasheet
829Kb / 8P
100V DPAK P-channel enhancement mode MOSFET
AUGUST 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com