Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3A04K Datasheet (PDF) - Zetex Semiconductors

ZXMN3A04K Datasheet PDF - Zetex Semiconductors
Part # ZXMN3A04K
Download  ZXMN3A04K Download
File Size   146.5 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN3A04K Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXMN3A04K Datasheet PDF - Zetex Semiconductors

Part # ZXMN3A04K
Download  ZXMN3A04K Click to download

File Size   146.5 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK

ZXMN3A04K Datasheet (HTML) - Zetex Semiconductors


ZXMN3A04K Product details

SUMMARY

V(BR)DSS=30V : RDS(on)=0.02 ; ID=18.4A



DESCRIPTION

This new generation of Trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.



FEATURES

• Low on-resistance

• Fast switching speed

• Low threshold

• Low gate drive

• DPAK (TO252) package



APPLICATIONS

• DC-DC converters

• Power management functions

• Disconnect switches

• Motor control



 




Similar Part No. - ZXMN3A04K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN3A04K DIODES-ZXMN3A04K Datasheet
155Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
FEBRUARY 2004
ZXMN3A04KTC DIODES-ZXMN3A04KTC Datasheet
155Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
FEBRUARY 2004
ZXMN3A04K DIODES-ZXMN3A04K_15 Datasheet
1Mb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Similar Description - ZXMN3A04K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
60V DPAK N-channel enhancement mode MOSFET
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
100V DPAK N-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
60V N-channel enhancement mode MOSFET in DPAK
logo
Diodes Incorporated
DMN3024LK3 DIODES-DMN3024LK3 Datasheet
674Kb / 8P
30V TO252 (DPAK) N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04K DIODES-ZXMN3A04K Datasheet
155Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
FEBRUARY 2004
DMN3024LK3 DIODES-DMN3024LK3_15 Datasheet
674Kb / 8P
30V TO252 (DPAK) N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN3730U DIODES-DMN3730U_15 Datasheet
196Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
Rev 2
logo
ZP Semiconductor
DMN3730U ZPSEMI-DMN3730U Datasheet
264Kb / 3P
30V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com