Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN3A04K Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN3A04K
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN3A04K Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN3A04K Datasheet HTML 1Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 2Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 3Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 4Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 5Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 6Page - Zetex Semiconductors ZXMN3A04K Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN3A04K
SEMICO NDUC TORS
ISSUE 1 - FEBRUARY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGS
±20
V
Continuous drain current @ VGS=10V; TA=25°C
(b)
@VGS=10V; TA=70°C
(b)
@VGS=10V; TA=25°C
(a)
ID
18.4
14.7
12.0
A
A
A
Pulsed drain current
(c)
IDM
66
A
Continuous source current (body diode)
(b)
IS
11.5
A
Pulsed source current (body diode)
(c)
ISM
66
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
4.3
34.4
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
10.1
80.8
W
mW/°C
Power dissipation at TA =25°C
(d)
Linear derating factor
PD
2.15
17.2
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
29
°C/W
Junction to ambient
(b)
R JA
12.3
°C/W
Junction to ambient
(d)
R JA
58
°C/W
NOTES
(a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at
10 sec.
(c) Repetitive rating 50mm x 50mm x 1.6mm FR4 PCB, D=0.02 pulse width=300 s - pulse width limited by maximum junction temperature.
(d) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com