Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP630C-R Datasheet (PDF) - Fairchild Semiconductor

QTLP630C-R Datasheet PDF - Fairchild Semiconductor
Part # QTLP630C-R
Download  QTLP630C-R Download
File Size   150.9 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP SUPER BRIGHT 0805

QTLP630C-R Datasheet (PDF)

Go To PDF Page Download Datasheet
QTLP630C-R Datasheet PDF - Fairchild Semiconductor

Part # QTLP630C-R
Download  QTLP630C-R Click to download

File Size   150.9 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP SUPER BRIGHT 0805

QTLP630C-R Datasheet (HTML) - Fairchild Semiconductor


QTLP630C-R Product details

DESCRIPTION

These surface mount chip LEDs are designed to fit industry standard footprint. Low profile and wide viewing angle make these LEDs ideal choices for backlighting applications and panel illumination.



FEATURES

• Small footprint - 2.0(L) X 1.25(W) X 1.1(H) mm

• AllnGaP technology for -R, -E, -O, -Y and -AG

• InGaN/SiC technology for -IG and -IB

• Wide viewing angle of 140°

• Water clear optics

• Moisture-proof packaging

• Available in 0.315” (8mm) width tape on 7” (178mm) diameter reel; 2,000 units per reel



APPLICATIONS

• Keypad backlighting

• Push-button backlighting

• LCD backlighting



 




Similar Part No. - QTLP630C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
156Kb / 8P
SURFACE MOUNT LED LAMP
More results


Similar Description - QTLP630C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
QTLP630C7TR FAIRCHILD-QTLP630C7TR Datasheet
118Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
Surface Mount LED Lamp, Standard Bright 0805
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com