Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP630C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP630C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP630C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP630C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP630C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.055 (1.4)
0.087 (2.2)
0.071 (1.8)
0.057 (1.45)
0.041 (1.05)
R0.008 (0.2)
0.047 (1.2)
0.041 (1.05)
0.024 (0.6)
0.047 (1.2)
0.016 (0.4)
2X
0.012 (0.3)
2X
CATHODE
+
-
TOP
SIDE
BOTTOM
POLARITY
PACKAGE DIMENSIONS
FEATURES
• Small footprint - 2.0(L) X 1.25(W) X 1.1(H) mm
• Water clear optics
• AllnGaP technology for -R, -E, -O, -Y and -AG
• Moisture-proof packaging
• InGaN/SiC technology for -IG and -IB
• Available in 0.315” (8mm) width tape on 7” (178mm)
• Wide viewing angle of 140°
diameter reel; 2,000 units per reel
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0805
QTLP630C-R Red
QTLP630C-E Orange
QTLP630C-O Yellow-Orange
QTLP630C-Y Yellow
QTLP630C-AG Yellow-Green
QTLP630C-IG True Green
QTLP630C-IB Blue
NOTE:
Dimensions for all drawings are in inches (mm).
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Low profile and wide viewing angle make these
LEDs ideal choices for backlighting applications and panel illumination.
APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
 2001 Fairchild Semiconductor Corporation
DS300094
8/30/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP630C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
156Kb / 8P
SURFACE MOUNT LED LAMP
More results

Similar Description - QTLP630C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
QTLP630C7TR FAIRCHILD-QTLP630C7TR Datasheet
118Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com