Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2466 Datasheet (PDF) - Infineon Technologies AG

PEB2466 Datasheet PDF - Infineon Technologies AG
Part # PEB2466
Download  PEB2466 Download
File Size   1547.08 Kbytes
Page   73 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Four Channel Codec Filter with PCM and Microcontroller Interface

PEB2466 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB2466 Datasheet PDF - Infineon Technologies AG

Part # PEB2466
Download  PEB2466 Click to download

File Size   1547.08 Kbytes
Page   73 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Four Channel Codec Filter with PCM and Microcontroller Interface

PEB2466 Datasheet (HTML) - Infineon Technologies AG


PEB2466 Product details

General Description
The four channel Signal Processing Codec Filter PEB 2466 SICOFI-4-µC is the logical continuation of a well established family of SIEMENS programmable codec-filter-ICs.
Its major difference to the PEB 2465 (SICOFI-4) is the PCM and µC interface, which replaces the IOM-2 interface.

Features
• Single chip programmable CODEC and FILTER to handle four
    – Central Office
    – or PABX-channels
• Specification according to relevant CCITT, EIA and LSSGR recommendations
• Digital signal processing technique
• Serial µ-Controller interface
• 2 programmable PCM-interfaces (up to 8 Mbit/s)
• Programmable interface to electronic SLICs and transformer solutions for signaling information
• High analog driving capability (300 Ω) for direct driving of transformers
• Programmable digital filters to adapt the transmission behaviour especially for
    – AC impedance matching
    – transhybrid balancing
    – frequency response
    – gain
    – A/µ-law conversion
• Single 5 V power supply
• Advanced low power 0.9 µm analog CMOS technology
• Low power consumption (< 35 mW per channel)
• High performance A/D conversion
• High performance D/A conversion
• Advanced test capabilities
    – five digital loops
    – four analog loops
    – two programmable tone generators (DTMF possible)
    – built in self-test
    – level metering function for system tests
• Standard P-MQFP-64 package
• Comprehensive development platform available
    – software for automatic filter coefficient calculation - QSICOS
    – Hardware development board - STSI 2466




Similar Part No. - PEB2466

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
PEB2466-HV1.2 SIEMENS-PEB2466-HV1.2 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
More results


Similar Description - PEB2466

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Siemens Semiconductor G...
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
Texas Instruments
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com