Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5046 Datasheet (PDF) - STMicroelectronics

STLC5046 Datasheet PDF - STMicroelectronics
Part # STLC5046
Download  STLC5046 Download
File Size   207.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER

STLC5046 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC5046 Datasheet PDF - STMicroelectronics

Part # STLC5046
Download  STLC5046 Click to download

File Size   207.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER

STLC5046 Datasheet (HTML) - STMicroelectronics


STLC5046 Product details

DESCRIPTION
The STLC5046 is a monolithic programmable 4 channel codec and filter. It operates with a single +3.3V supply. The analog interface is based on a receive output buffer driving the SLIC RX input and on an amplifier input stage. Due to the single supply voltage a proper midsupply reference level is generated internally by the device and all analog signals are referred to this level (AGND). The PCM interface uses one common 8KHz frame sync. pulse for transmit and receive direction.

■ PROGRAMMABLE MONOLITHIC 4 CHANNEL CODEC/FILTER
■ SINGLE +3.3V SUPPLY
■ PIN STRAP / MCU CONTROL MODE
■ A/µ LAW PROGRAMMABLE
■ LINEAR CODING (16 BITS) OPTION
■ PCM HIGHWAY FORMAT AUTOMATICALLY DETECTED: 1.536 or 1.544MHz; 2.048, 4.096, 8192 MHz
■ TX GAIN PROGRAMMING: 16dB RANGE; <0.1dB STEP
■ RX GAIN PROGRAMMING: 26dB RANGE; <0.1dB STEP
■ PROGRAMMABLE TIME SLOT ASSIGNMENT
■ DIGITAL AND ANALOG LOOPBACKS
■ SLIC CONTROL PORT STATIC MODE (16 I/Os) DYNAMIC MODE (12 I/Os + 4 CS)
■ 64 TQFP PACKAGE
■ PCM IN HI-Z MODE




Similar Part No. - STLC5046

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Jan-2003
More results


Similar Description - STLC5046

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
NXP Semiconductors
SAA2003 PHILIPS-SAA2003 Datasheet
176Kb / 44P
Stereo filter and codec
May 1994
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Jan-2003
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
Four Channel Codec Filter
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
Four-Channel Wideband Programmable
August 2004
logo
Infineon Technologies A...
PEB2466 INFINEON-PEB2466 Datasheet
1Mb / 73P
Four Channel Codec Filter with PCM and Microcontroller Interface
DS 1, Feb. 2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com