Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEB2465 Datasheet (PDF) - Siemens Semiconductor Group

PEB2465 Datasheet PDF - Siemens Semiconductor Group
Part # PEB2465
Download  PEB2465 Download
File Size   1719.63 Kbytes
Page   88 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Four Channel Codec Filter

PEB2465 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEB2465 Datasheet PDF - Siemens Semiconductor Group

Part # PEB2465
Download  PEB2465 Click to download

File Size   1719.63 Kbytes
Page   88 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Four Channel Codec Filter

PEB2465 Datasheet (HTML) - Siemens Semiconductor Group


PEB2465 Product details

General Description

The four Channel CODEC Filter PEB 2465 SICOFI-4 is the logic continuation of a well-established family of SIEMENS codec-filter-ICs. The SICOFI-4 is a fully integrated PCM CODEC and FILTER fabricated in low power 1µCMOS technology for applications in digital communication systems. Based on an advanced digital filter concept, the PEB 2465 provides excellent transmission performance and high flexibility. The new filter concept (second generation) lends to a maximum of independence between the different filter blocks. Each filter block can be seen like an one to one representative of the corresponding network element.



Features

• Single chip CODEC and FILTER to handle four CO or PABX-channels

• Specification according to relevant CCITT, EIA and LSSGR recommendations

• Digital signal processing technique

• Programmable interface optimized to current feed SLICs and transformer solutions

• Four pin serial IOM-2 Interface

• Single power supply 5 V

• Advanced low power 1µm analog CMOS technology

• Standard 64 pin P-MQFP-64 package

• High performance Analog to Digital Conversion

• High performance Digital to Analog Conversion

• Programmable digital filters to adapt the transmission behavior especially for

– AC impedance matching

– transhybrid balancing

– frequency response

– gain

• Advanced test capabilities

– all digital pins can be tested within a boundary scan scheme (IEEE 1149.1)

– five digital loops

– four analog loops

– two programmable tone generators per channel

• Comprehensive Development Platform available

– software for automatic filter coefficient calculation - QSICOS

– Hardware development board - STUT 2465




Similar Part No. - PEB2465

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2465 INFINEON-PEB2465 Datasheet
1Mb / 269P
ICs for Communications Extended PCM Interface Controller
02.97
More results


Similar Description - PEB2465

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Jan-2003
logo
Siemens Semiconductor G...
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
Texas Instruments
TLV320AIC34 TI-TLV320AIC34 Datasheet
1Mb / 91P
FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Maxim Integrated Produc...
MAX11504 MAXIM-MAX11504 Datasheet
236Kb / 12P
Four-Channel, Standard-Definition Video Filter
Rev 0; 11/07
logo
Texas Instruments
TLV320AIC34 TI-TLV320AIC34_1 Datasheet
1Mb / 94P
FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
logo
Infineon Technologies A...
PEB2466 INFINEON-PEB2466 Datasheet
1Mb / 73P
Four Channel Codec Filter with PCM and Microcontroller Interface
DS 1, Feb. 2001
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com