Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH310 Datasheet (PDF) - Analog Devices

HMC-ALH310 Datasheet PDF - Analog Devices
Part # HMC-ALH310
Download  HMC-ALH310 Download
File Size   272.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs HEMT LOW NOISE AMPLIFIER

HMC-ALH310 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH310 Datasheet PDF - Analog Devices

Part # HMC-ALH310
Download  HMC-ALH310 Click to download

File Size   272.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs HEMT LOW NOISE AMPLIFIER

HMC-ALH310 Datasheet (HTML) - Analog Devices


HMC-ALH310 Product details

General Description
The HMC-ALH310 is a three stage GaAs HEMT MMIC Low Noise Amplifi er (LNA) which operates between 37 and 42 GHz. The HMC-ALH310 features 22 dB of small signal gain, 3.5 dB of noise fi gure and an output power of +12 dBm at 1dB compression from a +2.5V supply voltage. All bond pads and the die backside are Ti/Au metallized and the amplifi er device is fully passivated for reliable operation. This versatile LNA is compatible with conventional die attach methods, as well as thermocompression and thermosonic wirebonding, making it ideal for MCM and hybrid microcircuit applications. All data shown herein is measured with the chip in a 50 Ohm environment and contacted with RF probes.

Features
   Noise Figure: 3.5 dB
   P1dB: +12 dBm
   Gain: 22 dB
   Supply Voltage: +2.5V
   50 Ohm Matched Input/Output
   Die Size: 1.80 x 0.73 x 0.1 mm

Typical Applications
This HMC-ALH310 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space




Similar Part No. - HMC-ALH310

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
191Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 37 - 42 GHz
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
More results


Similar Description - HMC-ALH310

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3001 HITACHI-2SK3001 Datasheet
107Kb / 14P
GaAs HEMT Low Noise Amplifier
logo
Analog Devices
HMC-ALH508 AD-HMC-ALH508 Datasheet
335Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER,
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH382 AD-HMC-ALH382 Datasheet
391Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER
HMC-ALH435 AD-HMC-ALH435 Datasheet
295Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com