Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH310 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC-ALH310
Description  GaAs HEMT LOW NOISE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-ALH310 Datasheet(HTML) 1 Page - Analog Devices

  HMC-ALH310 Datasheet HTML 1Page - Analog Devices HMC-ALH310 Datasheet HTML 2Page - Analog Devices HMC-ALH310 Datasheet HTML 3Page - Analog Devices HMC-ALH310 Datasheet HTML 4Page - Analog Devices HMC-ALH310 Datasheet HTML 5Page - Analog Devices HMC-ALH310 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 138
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HEMT LOW NOISE
AMPLIFIER, 37 - 42 GHz
v02.0209
General Description
Features
Functional Diagram
Noise Figure: 3.5 dB
P1dB: +12 dBm
Gain: 22 dB
Supply Voltage: +2.5V
50 Ohm Matched Input/Output
Die Size: 1.80 x 0.73 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = 2.5V, Idd = 52 mA*
Typical Applications
This HMC-ALH310 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Military & Space
The HMC-ALH310 is a three stage GaAs HEMT MMIC
Low Noise Amplifier (LNA) which operates between
37 and 42 GHz. The HMC-ALH310 features 22 dB of
small signal gain, 3.5 dB of noise figure and an output
power of +12 dBm at 1dB compression from a +2.5V
supply voltage. All bond pads and the die backside
are Ti/Au metallized and the amplifier device is fully
passivated for reliable operation. This versatile LNA
is compatible with conventional die attach methods,
as well as thermocompression and thermosonic
wirebonding, making it ideal for MCM and hybrid
microcircuit applications. All data shown herein is
measured with the chip in a 50 Ohm environment and
contacted with RF probes.
HMC-ALH310
Parameter
Min.
Typ.
Max.
Units
Frequency Range
37 - 42
GHz
Gain
20
22
dB
Noise Figure
3.5
4.5
dB
Input Return Loss
4dB
Output Return Loss
8dB
Output Power for 1 dB Compression (P1dB)
12
dBm
Supply Current (Idd)(Vdd= 2.5V,Vgg= -0.3V Typ.)
52
mA
*Unless otherwise indicated, all measurements are from probed die
[2] Adjust Vgg between -1V to +0.3V (Typ. -0.2V) to achieve Idd
total = 52 mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC-ALH310

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
191Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 37 - 42 GHz
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
More results

Similar Description - HMC-ALH310

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3001 HITACHI-2SK3001 Datasheet
107Kb / 14P
GaAs HEMT Low Noise Amplifier
logo
Analog Devices
HMC-ALH508 AD-HMC-ALH508 Datasheet
335Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER,
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH382 AD-HMC-ALH382 Datasheet
391Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER
HMC-ALH435 AD-HMC-ALH435 Datasheet
295Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com