Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL65426IRZA Datasheet (PDF) - Renesas Technology Corp

ISL65426IRZA Datasheet PDF - Renesas Technology Corp
Part # ISL65426IRZA
Download  ISL65426IRZA Download
File Size   1273.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Dual Synchronous Buck Regulator with Integrated MOSFETs

ISL65426IRZA Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL65426IRZA Datasheet PDF - Renesas Technology Corp

Part # ISL65426IRZA
Download  ISL65426IRZA Click to download

File Size   1273.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Dual Synchronous Buck Regulator with Integrated MOSFETs

ISL65426IRZA Datasheet (HTML) - Renesas Technology Corp


ISL65426IRZA Product details

6A Dual Synchronous Buck Regulator with Integrated MOSFETs

The ISL65426 is a high efficiency dual output monolithic synchronous buck converter operating over an input voltage range of 3V to 5.5V. This single chip power solution provides two output voltages, which are selectable or externally adjustable from 1V to 80% of the supply voltage while delivering up to 6A of total output current. The two PWMs are synchronized 180° out-of-phase, reducing the RMS input current and ripple voltage.

Features
• High Efficiency: Up to 95%
• Fixed Frequency: 1MHz
• Operates From 3V to 5.5V Supply
• ±1% Reference
• Flexible Output Voltage Options
    - Programmable 2-Bit VID Input
    - Adjustable Output From 1V to 4.0V
• User-Partitioned Power Blocks
• Ultra-Compact DC/DC Converter Design
• PWMs Synchronized 180° Out-of-Phase
• Independent Enable Inputs and System Enable
• Stable All Ceramic Solutions
• Excellent Dynamic Response
• Independent Output Digital Soft-Start
• Power-Good Output Voltage Monitor
• Thermal-Overload Protection
• Overcurrent and Undervoltage Protection
• Pb-Free (RoHS Compliant)

Applications
• FPGA, CPLD, DSP, and CPU Core and I/O Voltages
    - Xilinx Spartan IIITM, Virtex IITM, Virtex II ProTM, Virtex 4TM
    - Altera StratixTM, Stratix IITM, CycloneTM, Cyclone IITM
    - Actel FusionTM, LatticeSCTM, LatticeECTM
• Low-Voltage, High-Density Distributed Power Systems
• Point-of-Load Regulation
• Distributed Power Systems
• Set-Top Boxes




Similar Part No. - ISL65426IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426IRZA INTERSIL-ISL65426IRZA Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
More results


Similar Description - ISL65426IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
November 14, 2006
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com