Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5660 Datasheet (PDF) - Renesas Technology Corp

HI5660 Datasheet PDF - Renesas Technology Corp
Part # HI5660
Download  HI5660 Download
File Size   444.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 125/60MSPS, High Speed D/A Converter

HI5660 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5660 Datasheet PDF - Renesas Technology Corp

Part # HI5660
Download  HI5660 Click to download

File Size   444.3 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 125/60MSPS, High Speed D/A Converter

HI5660 Datasheet (HTML) - Renesas Technology Corp


HI5660 Product details

8-Bit, 125/60MSPS, High Speed D/A Converter

The HI5660 is an 8-bit, 125MSPS, high speed, low power, D/A converter which is implemented in an advanced CMOS process. Operating from a single +3V to +5V supply, the converter provides 20mA of full scale output current and includes edge-triggered CMOS input data latches. Low glitch energy and excellent frequency domain performance are achieved using a segmented current source architecture. For an equivalent performance dual version, see the HI5628.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . . . 165mW at 5V, 27mW at 3V
• Power Down Mode. . . . . . . . . . 23mW at 5V, 10mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . ±0.25 LSB
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• SFDR to Nyquist at 10MHz Output . . . . . . . . . . . . . 60dBc
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
• Pb-free Available

Applications
• Medical Instrumentation
• Wireless Communications
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Test Instrumentation
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - HI5660

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660 INTERSIL-HI5660 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
HI5660 INTERSIL-HI5660 Datasheet
546Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5660/16IA INTERSIL-HI5660/16IA Datasheet
83Kb / 11P
8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660/16IB INTERSIL-HI5660/16IB Datasheet
83Kb / 11P
8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
More results


Similar Description - HI5660

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converter
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com