Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5628 Datasheet (PDF) - Intersil Corporation

HI5628 Datasheet PDF - Intersil Corporation
Part # HI5628
Download  HI5628 Download
File Size   93.58 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter

HI5628 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5628 Datasheet PDF - Intersil Corporation

Part # HI5628
Download  HI5628 Click to download

File Size   93.58 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter

HI5628 Datasheet (HTML) - Intersil Corporation


HI5628 Product details

The HI5628 is an 8-bit, dual 125MSPS D/A converter which is implemented in an advanced CMOS process. Operating from a single +5V to +3V supply, the converter provides 20.48mA of full scale output current and includes an input data register. Low glitch energy and excellent frequency domain performance are achieved using a segmented architecture. The single DAC version is the HI5660 while 10-bit versions exist in the HI5760 and HI5728.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . 330mW at 5V, 170mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . ±0.25 LSB
• Differential Linearity . . . . . . . . . . . . . . . . . . . . . ±0.25 LSB
• Channel Isolation (Typ) . . . . . . . . . . . . . . . . . . . . . . 80dB
• SFDR to Nyquist at 10MHz Output . . . . . . . . . . . . 60dBc
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range

Applications
• Direct Digital Frequency Synthesis
• Wireless Communications
• Signal Reconstruction
• Arbitrary Waveform Generators
• Test Equipment
• High Resolution Imaging Systems




Similar Part No. - HI5628

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
567Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5628 INTERSIL-HI5628 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5628/6IN INTERSIL-HI5628/6IN Datasheet
567Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628/6IN RENESAS-HI5628/6IN Datasheet
500Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
More results


Similar Description - HI5628

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converter
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
January 22, 2010
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
8-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
10-Bit, 125/60MSPS, High Speed D/A Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com