Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80136 Datasheet (PDF) - Renesas Technology Corp

ISL80136 Datasheet PDF - Renesas Technology Corp
Part # ISL80136
Download  ISL80136 Download
File Size   696.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, Low Quiescent Current, 150mA Linear Regulator

ISL80136 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80136 Datasheet PDF - Renesas Technology Corp

Part # ISL80136
Download  ISL80136 Click to download

File Size   696.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, Low Quiescent Current, 150mA Linear Regulator

ISL80136 Datasheet (HTML) - Renesas Technology Corp


ISL80136 Product details

40V, Low Quiescent Current, 150mA Linear Regulator

The ISL80138 is a high voltage, adjustable VOUT low quiescent current linear regulator ideally suited for “always-on” and “keep alive” applications. The ISL80138 operates from an input voltage of +6V to +40V under normal operating conditions and consumes only 18µA of quiescent current at no load.

Features
• Wide VIN range of 6V to 40V
• Adjustable output voltage from 2.5V to 12V
• Guaranteed 150mA output current
• Ultra low 18µA typical quiescent current
• Low 2µA of typical shutdown current
• ±1% accurate voltage reference
• Low dropout voltage of 295mV at 150mA
• 40V tolerant logic level (TTL/CMOS) enable input
• Stable operation with 10µF output capacitor
• 5kV ESD HBM rated
• Thermal shutdown and current limit protection
• Thermally enhanced 14 Ld exposed pad HTSSOP package

Applications
• Industrial
• Telecommunications




Similar Part No. - ISL80136

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
857Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Oct 2, 2023
logo
Intersil Corporation
ISL80136EVAL1Z INTERSIL-ISL80136EVAL1Z Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
More results


Similar Description - ISL80136

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
392Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
April 7, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MPQ2013A MPS-MPQ2013A Datasheet
612Kb / 19P
40V, 150mA, Low Quiescent Current Linear Regulator AEC-Q100 Qualified
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80410 RENESAS-ISL80410 Datasheet
783Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Aug 8, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com