Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80136 Datasheet (PDF) - Intersil Corporation

ISL80136 Datasheet PDF - Intersil Corporation
Part # ISL80136
Download  ISL80136 Download
File Size   374.73 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 50mA Linear Regulator

ISL80136 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80136 Datasheet PDF - Intersil Corporation

Part # ISL80136
Download  ISL80136 Click to download

File Size   374.73 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40V, Low Quiescent Current, 50mA Linear Regulator

ISL80136 Datasheet (HTML) - Intersil Corporation


ISL80136 Product details

40V, Low Quiescent Current, 50mA Linear Regulator

The ISL80136 is a high voltage, low quiescent current linear regulator ideally suited for “always-on” and “keep alive” applications. The ISL80136 operates from an input voltage of +6V to +40V under normal operating conditions, consuming only 18µA of quiescent current at no load.

Features
• Wide VIN range of 6V to 40V
• Adjustable output voltage from 2.5V to 12V
• Guaranteed 50mA output current
• Ultra low 18µA typical quiescent current
• Low 1.8µA of typical shutdown current
• ±1% accurate voltage reference
• Low dropout voltage of 120mV at 50mA
• 40V tolerant logic level (TTL/CMOS) enable input
• Stable operation with 10µF output capacitor
• 5kV ESD HBM rated
• Thermal shutdown and current limit protection

Applications
• Industrial
• Networking
• Telecom




Similar Part No. - ISL80136

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
ISL80136 RENESAS-ISL80136 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
857Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Oct 2, 2023
logo
Intersil Corporation
ISL80136EVAL1Z INTERSIL-ISL80136EVAL1Z Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
More results


Similar Description - ISL80136

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com