Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85001 Datasheet (PDF) - Renesas Technology Corp

ISL85001 Datasheet PDF - Renesas Technology Corp
Part # ISL85001
Download  ISL85001 Download
File Size   1137.63 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A Standard Buck PWM Regulator

ISL85001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85001 Datasheet PDF - Renesas Technology Corp

Part # ISL85001
Download  ISL85001 Click to download

File Size   1137.63 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A Standard Buck PWM Regulator

ISL85001 Datasheet (HTML) - Renesas Technology Corp


ISL85001 Product details

1A Standard Buck PWM Regulator

The ISL85001 is a high-performance, simple output controller that provides a single, high frequency power solution for a variety of point-of-load applications. The ISL85001 integrates a 1A standard buck PWM controller and switching MOSFET.

Features
• Standard buck controller with integrated switching power MOSFET
• Integrated boot diode
• Input voltage range
    - Fixed 5V ±10%
    - Variable 5.5V to 25V
• PWM output voltage adjustable from 0.6V to 19V with continuous output current up to 1A
• ±1% VFB tolerance
• Voltage mode control with voltage feed-forward
• Fixed 500kHz switching frequency
• Externally adjustable soft-start time
• Output undervoltage protection
• Enable inputs
• PGOOD output
• Overcurrent protection
• Thermal overload protection
• Internal 5V LDO regulator
• Pb-free (RoHS compliant)

Applications
• General purpose
• WLAN Cards-PCMCIA, Cardbus32, MiniPCI cards-compact flash cards
• Hand-held instruments
• LCD panel
• Set-top box




Similar Part No. - ISL85001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
ISL85001EVAL1ZREVAPCB INTERSIL-ISL85001EVAL1ZREVAPCB Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
ISL85001IRZ INTERSIL-ISL85001IRZ Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
More results


Similar Description - ISL85001

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
850kHz 1A Buck Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com