Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8500 Datasheet (PDF) - Intersil Corporation

ISL8500 Datasheet PDF - Intersil Corporation
Part # ISL8500
Download  ISL8500 Download
File Size   675.77 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Standard Buck PWM Regulator

ISL8500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8500 Datasheet PDF - Intersil Corporation

Part # ISL8500
Download  ISL8500 Click to download

File Size   675.77 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Standard Buck PWM Regulator

ISL8500 Datasheet (HTML) - Intersil Corporation


ISL8500 Product details

2A Standard Buck PWM Regulator

The ISL8500 is a high-performance, simple output controller that provides a single, high frequency power solution for a variety of point-of-load applications. The ISL8500 integrates a 2A standard buck PWM controller and switching MOSFET.

Features
• Standard Buck Controller with Integrated Switching Power MOSFET
• Integrated Boot Diode
• Input Voltage Range
    - Fixed 5V ±10%
    - Variable 5.5V to 25V
• PWM Output Voltage Adjustable from 0.6V to 19V with Continuous Output Current up to 2A
• ±1% VFB Tolerance
• Voltage Mode Control with Voltage Feed Forward
• Fixed 500kHz Switching Frequency
• Externally Adjustable Soft-Start Time
• Output Undervoltage Protection
• Enable Inputs
• PGOOD Output
• Overcurrent Protection
• Thermal Overload Protection
• Internal 5V LDO regulator

Applications
• General Purpose
• WLAN Cards-PCMCIA, Cardbus32, MiniPCI Cards-Compact Flash Cards
• Hand-Held Instruments
• LCD Panel
• Set-top Box




Similar Part No. - ISL8500

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
More results


Similar Description - ISL8500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
150KHz, 2A PWM Buck Switching Regulator
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com