Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5104ISZ Datasheet (PDF) - Renesas Technology Corp

EL5104ISZ Datasheet PDF - Renesas Technology Corp
Part # EL5104ISZ
Download  EL5104ISZ Download
File Size   2016.49 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz Slew-Enhanced VFAs

EL5104ISZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5104ISZ Datasheet PDF - Renesas Technology Corp

Part # EL5104ISZ
Download  EL5104ISZ Click to download

File Size   2016.49 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHz Slew-Enhanced VFAs

EL5104ISZ Datasheet (HTML) - Renesas Technology Corp


EL5104ISZ Product details

700MHz Slew-Enhanced VFAs

The EL5104, EL5105, EL5204, EL5205, and EL5304 represent high speed voltage feedback amplifiers based on the current feedback amplifier architecture. This gives the typical high slew rate benefits of a CFA family along with the stability and ease of use associated with the VFA type architecture. This family is available in single, dual, and triple versions, with 200MHz, 400MHz, and 700MHz versions. This family operates on single 5V or ±5V supplies from minimum supply current. The EL5104 and EL5204 also feature an output enable function, which can be used to put the output in to a high-impedance mode. This enables the outputs of multiple amplifiers to be tied together for use in multiplexing applications.

Features
• Specified for 5V or ±5V applications
• Power-down to 17µA
• -3dB bandwidth = 700MHz
• ±0.1dB bandwidth = 45MHz
• Low supply current = 9.5mA
• Slew rate = 7000V/µs
• Low offset voltage = 10mV max
• Output current = 160mA
• AVOL = 1400
• Diff gain/phase = 0.01%/0.02°
• Pb-free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• PCMCIA applications
• A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering




Similar Part No. - EL5104ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5104ISZ INTERSIL-EL5104ISZ Datasheet
2Mb / 17P
700MHz Slew Enhanced VFA
October 26, 2005
EL5104ISZ INTERSIL-EL5104ISZ Datasheet
2Mb / 17P
700MHz Slew-Enhanced VFAs
May 3, 2007
EL5104ISZ-T13 INTERSIL-EL5104ISZ-T13 Datasheet
2Mb / 17P
700MHz Slew Enhanced VFA
October 26, 2005
EL5104ISZ-T13 INTERSIL-EL5104ISZ-T13 Datasheet
2Mb / 17P
700MHz Slew-Enhanced VFAs
May 3, 2007
EL5104ISZ-T7 INTERSIL-EL5104ISZ-T7 Datasheet
2Mb / 17P
700MHz Slew Enhanced VFA
October 26, 2005
More results


Similar Description - EL5104ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
700MHz Slew Enhanced VFA
October 26, 2005
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
400MHz Slew Enhanced VFAs
December 14, 2004
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
400MHz Slew Enhanced VFAs
October 3, 2005
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
June 23, 2006
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
200MHz Slew Enhanced VFA
April 24, 2006
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
700MHz Slew-Enhanced VFAs
May 3, 2007
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
January 17, 2008
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
200MHz Slew Enhanced VFA
May 3, 2007
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
200MHz Slew Enhanced VFA
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
400MHz Slew Enhanced VFAs
January 17, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com