Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet (PDF) - Renesas Technology Corp

EL5146CS Datasheet PDF - Renesas Technology Corp
Part # EL5146CS
Download  EL5146CS Download
File Size   1316.14 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz Single-Supply Rail-to-Rail Amplifiers

EL5146CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5146CS Datasheet PDF - Renesas Technology Corp

Part # EL5146CS
Download  EL5146CS Click to download

File Size   1316.14 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz Single-Supply Rail-to-Rail Amplifiers

EL5146CS Datasheet (HTML) - Renesas Technology Corp


EL5146CS Product details

The EL5144 series amplifiers are voltage-feedback, high speed, rail-to-rail amplifiers designed to operate on a single +5V supply. They offer unity gain stability with an unloaded -3dB bandwidth of 100MHz. The input common-mode voltage range extends from the negative rail to within 1.5V of the positive rail. Driving a 75W double terminated coaxial cable, the EL5144 series amplifiers drive to within 150mV of either rail. The 200V/µs slew rate and 0.1%/0.1° differential gain/differential phase makes these parts ideal for composite and component video applications.

Features
• Rail-to-rail output swing
• -3dB bandwidth = 100MHz
• Single-supply +5V operation
• Power-down to 2.6µA
• Large input common-mode range 0V < VCM < 3.5V
• Diff gain/phase = 0.1%/0.1°
• Low power 35mW per amplifier
• Space-saving SOT23-5, 8 Ld MSOP and 10 Ld MSOP, and 16 Ld QSOP packages
• Pb-Free available (RoHS compliant)

Applications
• Video amplifiers
• 5V analog signal processing
• Multiplexers
• Line drivers
• Portable computers
• High speed communications
• Sample and hold amplifiers
• Comparators




Similar Part No. - EL5146CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5146CS ELANTEC-EL5146CS Datasheet
945Kb / 20P
100 MHz Single Supply Rail to Rail Amplifier
logo
Intersil Corporation
EL5146CS INTERSIL-EL5146CS Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
EL5146CS-T13 INTERSIL-EL5146CS-T13 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
EL5146CS-T7 INTERSIL-EL5146CS-T7 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
EL5146CSZ INTERSIL-EL5146CSZ Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
More results


Similar Description - EL5146CS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com