Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL5146CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5146CS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL5146CS Datasheet HTML 2Page - Renesas Technology Corp EL5146CS Datasheet HTML 3Page - Renesas Technology Corp EL5146CS Datasheet HTML 4Page - Renesas Technology Corp EL5146CS Datasheet HTML 5Page - Renesas Technology Corp EL5146CS Datasheet HTML 6Page - Renesas Technology Corp EL5146CS Datasheet HTML 7Page - Renesas Technology Corp EL5146CS Datasheet HTML 8Page - Renesas Technology Corp EL5146CS Datasheet HTML 9Page - Renesas Technology Corp EL5146CS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 6 of 24
March 31, 2011
+IOUT
Positive Output Current
RL = 10 to 2.5V
60
90
150
mA
-IOUT
Negative Output Current
RL = 10 to 2.5V
-50
-65
-125
mA
ENABLE (EL5146 AND EL5246 ONLY)
tEN
Enable Time
EL5146, EL5246
500
ns
tDIS
Disable Time
EL5146, EL5246
10
ns
IIHCE
CE Pin Input High Current
CE = 5V, EL5146, EL5246
0.003
1
mA
IILCE
CE Pin Input Low Current
CE = 0V, EL5146, EL5246
-1.2
-3
mA
VIHCE
CE Pin Input High Voltage for
Power-Up
EL5146, EL5246
2.0
V
VILCE
CE Pin Input Low Voltage for
Power-Down
EL5146, EL5246
0.8
V
SUPPLY
IsON
Supply Current - Enabled
(Per Amplifier)
No load, VIN = 0V, CE = 5V
7
8.8
mA
IsOFF
Supply Current - Disabled
(Per Amplifier)
No load, VIN = 0V, CE = 0V, EL5146 and
EL5246 only
2.6
5
mA
PSOR
Power Supply Operating Range
4.75
5.0
5.25
V
PSRR
Power Supply Rejection Ratio
DC, VS = 4.75V to 5.25V
50
60
dB
NOTES:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.8MHz, VOUT is swept from 0.8V to 3.4V, RL is DC-coupled.
2. RL is total load resistance due to feedback resistor and load resistor.
Electrical Specifications
VS = +5V, GND = 0V, TA = +25°C, CE = +2V, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE (GAIN)
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE
(PHASE)
1M
10M
0
FREQUENCY (Hz)
2
AV = 5.6,
RF = 1k
-4
-2
-8
-6
100M
VCM = 1.5V
RL = 150
AV = 1, RF = 0
AV = 2,
RF = 1k
1M
10M
FREQUENCY (Hz)
100M
AV = 5.6,
RF = 1k
AV = 1, RF = 0
AV = 2,
RF = 1k
-45
0
-135
-90
-180
VCM = 1.5V
RL = 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com