Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5146CS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # EL5146CS
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5146CS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button EL5146CS Datasheet HTML 12Page - Renesas Technology Corp EL5146CS Datasheet HTML 13Page - Renesas Technology Corp EL5146CS Datasheet HTML 14Page - Renesas Technology Corp EL5146CS Datasheet HTML 15Page - Renesas Technology Corp EL5146CS Datasheet HTML 16Page - Renesas Technology Corp EL5146CS Datasheet HTML 17Page - Renesas Technology Corp EL5146CS Datasheet HTML 18Page - Renesas Technology Corp EL5146CS Datasheet HTML 19Page - Renesas Technology Corp EL5146CS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 16 of 24
March 31, 2011
Description of Operation and Applications
Information
Product Description
The EL5144 series is a family of wide bandwidth, single
supply, low power, rail-to-rail output, voltage feedback
operational amplifiers. The family includes single, dual, and
quad configurations. The singles and duals are available
with a power-down pin to reduce power to 2.6µA typically. All
the amplifiers are internally compensated for closed loop
feedback gains of +1 or greater. Larger gains are acceptable
but bandwidth will be reduced according to the familiar Gain
Bandwidth Product.
Connected in voltage follower mode and driving a high
impedance load, the EL5144 series has a -3dB bandwidth of
100MHz. Driving a 150
 load, they have a -3dB bandwidth
of 60MHz while maintaining a 200V/µs slew rate. The input
common mode voltage range includes ground while the
output can swing rail-to-rail.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high-frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible. The power supply pin must
be well bypassed to reduce the risk of oscillation For normal
single supply operation, where the GND pin is connected to
the ground plane, a single 4.7µF tantalum capacitor in
parallel with a 0.1µF ceramic capacitor from VS to GND will
suffice. This same capacitor combination should be placed
at each supply pin to ground if split supplies are to be used.
In this case, the GND pin becomes the negative supply rail.
For good AC performance, parasitic capacitance should be
kept to a minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets, particularly for the SO package, should be
avoided if possible. Sockets add parasitic inductance and
capacitance that can result in compromised performance.
Input, Output and Supply Voltage Range
The EL5144 series has been designed to operate with a
single supply voltage of 5V. Split supplies can be used so
long as their total range is 5V.
The amplifiers have an input common mode voltage range
that includes the negative supply (GND pin) and extends to
within 1.5V of the positive supply (VS pin). They are
specified over this range.
The output of the EL5144 series amplifiers can swing rail to
rail. As the load resistance becomes lower in value, the
ability to drive close to each rail is reduced. However, even
with an effective 150
 load resistor connected to a voltage
halfway between the supply rails, the output will swing to
within 150mV of either rail.
Figure 48 shows the output of the EL5144 series amplifier
swinging rail to rail with RF = 1k, AV = +2 and RL = 1M.
Figure 49 is with RL = 150
2
3
CEA
Enable Amplifier A
(Enabled when high)
(Reference Circuit 3)
4
5
CEB
Enable Amplifier B
(Enabled when high)
(Reference Circuit 3)
1, 5
2, 6,
10, 12
NC
No Connect.
Not internally
connected.
Pin Descriptions (Continued)
EL5144
5 Ld
SOT23
EL5146
8 Ld
SO/PDIP
EL5244
8 Ld SO/
PDIP/MSOP
EL5246
10 Ld
MSOP
EL5246
14 Ld
SO/PDIP
EL5444
14 Ld
SO/PDIP
EL5444
16 Ld
QSOP NAME
FUNCTION
EQUIVALENT CIRCUIT
0V
5V
FIGURE 48.
0V
5V
FIGURE 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com