Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSX-338 Datasheet (PDF) - Golledge Electronics Ltd

GSX-338 Datasheet PDF - Golledge Electronics Ltd
Part # GSX-338
Download  GSX-338 Download
File Size   591.27 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description High Frequency Fundamental 3.2 x 2.5mm SM Crystal

GSX-338 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSX-338 Datasheet PDF - Golledge Electronics Ltd

Part # GSX-338
Download  GSX-338 Click to download

File Size   591.27 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description High Frequency Fundamental 3.2 x 2.5mm SM Crystal

GSX-338 Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - GSX-338

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-331 GOLLEDGE-GSX-331 Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX-331 GOLLEDGE-GSX-331 Datasheet
603Kb / 6P
Metal lid can be grounded to minimise EMI
GSX-331111DF GOLLEDGE-GSX-331111DF Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX-331MP2JF GOLLEDGE-GSX-331MP2JF Datasheet
55Kb / 1P
SM Crystal Metal Lid
GSX-333 GOLLEDGE-GSX-333 Datasheet
86Kb / 2P
SM crystal for Bluetooth / Wireless
More results


Similar Description - GSX-338

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
CC1F GOLLEDGE-CC1F_16 Datasheet
136Kb / 1P
SM Crystal High Freq Fundamental
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
Golledge Electronics Lt...
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
High Frequency Fundamental Mode Miniature SM Crystal
GSX-538 GOLLEDGE-GSX-538 Datasheet
592Kb / 5P
High Frequency Fundamental 5.0 x 3.2mm SM Crystal
GSX-758 GOLLEDGE-GSX-758 Datasheet
590Kb / 5P
High Frequency Fundamental 7.5 x 5.0mm SM Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Renesas Technology Corp
603-40-48 RENESAS-603-40-48 Datasheet
266Kb / 3P
40MHz 3.2 x 2.5mm Reference Crystal
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com